Part Number Hot Search : 
CEM300 2101A UTR10 SF916 MAX873 1N4153 T88SC SC416
Product Description
Full Text Search
 

To Download 6244-48-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 6244
Minigrabber(R) Test Clip to Right Angle Sheathed Banana Plug
Features
* * * * * * * Newly designed Minigrabber(R) Test Clip Patch Cord complies with IEC 61010-2-31, which is the latest international safety standard for test accessories. Grabber width is a slim .36" (9,14 mm) for easier side by side stacking. Grabber hook is gold plated beryllium copper to ensure signal integrity & attaches onto component leads up to .060" (1,5 mm) O.D. Grabber patch cord interfaces directly into the most popular multimeters configured with 4 mm sheathed safety jacks, including Amprobe, Fluke, H-P, Tektronix and Wavetek. Plug is molded directly to the cable in an integral one-piece design and the wire is double crimped for a long lasting connection. Multi-leaf banana spring material is nickel plated beryllium copper for extended insertion life & low contact resistance. High strand count silicone insulated wire offers excellent flexibility and high temperature resistance.
Materials
Grabber: Body: Polypropylene, Color per Part Number Hook: Beryllium Copper, Gold Plated, compression Spring: Music Wire Wire: 18 AWG, 65 x 36 Tinned Copper, Insulation - Silicone, .144" (3,66 mm) O.D., Color per P/N Banana Plug: Body - Brass, Nickel Plated, Spring - Beryllium Copper, Nickel Plated Insulation - Polypropylene, Color per P/N
Ratings
IEC 61010 2-031, Category II, P2 Compliant Operating Voltage: 300 VRMS/DC Max. Current: 5 Amperes Max.
Ordering Information
Model 6244-XX-* XX = Length in Inches, Standard Length: 48" (122 cm) * = Color Code, -0 Black, -2 Red
Sales: 800-490-2361 Technical Support: technicalsupport@pomonatest.com Fax: 425-446-5844 Europe: 31-(0) 40 2675 150 International: 425-446-5500 Where to Buy: www.pomonaelectronics.com USA: All dimensions are in inches. Tolerances (except noted): .xx = .02" (,51 mm), .xxx = .005" (,127 mm). All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Copyright (c) 2009 D1094493 Rev. 100 Page 1 of 1


▲Up To Search▲   

 
Price & Availability of 6244-48-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X